データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C940VC/W データシート(PDF) 29 Page - Advanced Micro Devices

部品番号 AM79C940VC/W
部品情報  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W データシート(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 25Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 26Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 27Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 28Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 29Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 30Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 31Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 32Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 144 page
background image
Am79C940
29
FIFO. In general, there are ways to ensure that a
transfer is always valid; so this pin is not required in
many designs. For instance, the TDTREQ and
RDTREQ pins can be used to monitor the state of the
FIFOs to ensure that data transfer only occurs at the
correct times.
RXPOL
RXPOL is typically used to drive an LED indicating the
polarity of receive frames. This function is not
necessary for correct operation of the Ethernet and
serves strictly as a status indication to a user. The sta-
tus of the receive polarity is still available through the
PHYCC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More