データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C940VC/W データシート(PDF) 9 Page - Advanced Micro Devices

部品番号 AM79C940VC/W
部品情報  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W データシート(HTML) 9 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 5Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 6Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 7Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 8Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 9Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 10Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 11Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 12Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 144 page
background image
Am79C940
9
CONNECTION DIAGRAMS
PQT080
TQFP PACKAGE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
SRDCLK
EAM/R
SF/BD
RESET
SLEEP
DVDD
INTR
TC
DBUS0
DVSS
DBUS1
DBUS2
DBUS3
DBUS4
DVSS
DBUS5
DBUS6
DBUS7
DBUS8
DBUS9
XTAL2
AVSS
XTAL1
AVDD
TXD+
TXP+
TXD-
TXP-
AVDD
RXD+
RXD-
DVDD
TDI
DVSS
TCK
TMS
TD0
LNKST
CS
R/W
MACE
Am79C940VC
Notes: Four pin functions available on the PLCC and PQFP packages are not available with the TQFP package.
(See full data sheet for description of pins not included with the 80-pin TQFP package. In particular, see section
“Pin Functions not available with the 80-pin TQFP package.”)
16235D-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More