データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPM01 データシート(PDF) 43 Page - STMicroelectronics

部品番号 STPM01
部品情報  Programmable single phase energy metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 データシート(HTML) 43 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 39Page - STMicroelectronics STPM01 Datasheet HTML 40Page - STMicroelectronics STPM01 Datasheet HTML 41Page - STMicroelectronics STPM01 Datasheet HTML 42Page - STMicroelectronics STPM01 Datasheet HTML 43Page - STMicroelectronics STPM01 Datasheet HTML 44Page - STMicroelectronics STPM01 Datasheet HTML 45Page - STMicroelectronics STPM01 Datasheet HTML 46Page - STMicroelectronics STPM01 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
STPM01
Theory of operation
43/56
8.24.1
Active power
In the STPM01, after the pre-conditioning and the A/D conversion, the digital voltage signal
(which is dynamically more stable with respect to the current signal) is processed by a
differentiated stage which transforms:
v(t)
→v’(t) = dv/dt = V
⋅ ω⋅ cos ωt −[Eq. 2 - see (5)]
The resulted signal, together with the pre-processed and digitalized current signal:
i(t) = I
⋅ sin(ωt + ϕ); [Eq. 3 - see (6)]
are then available for the calculation process. These digital signals are also provided into
two additional stages which perform the integration of themselves, obtaining:
dv/dt
→ v(t) = V
⋅ sin ωt; [Eq. 4 - see (7)]
i(t)
→
[Eq. 5 - see (8)]
Now four signals are available. Combining (pairing) them by means of two multiplying stages
two results are obtained:
Figure 27.
Active energy computation diagram
)
cos(
)
(
)
(
ϕ
ω
ω
+
⋅
−
=
⋅
=
∫
t
I
dt
t
i
t
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56