| データシートサーチシステム |
|
STPM01 データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM01 データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 56 page ![]() Theory of operation STPM01 46/56 8.24.3 Apparent power and RMS values The RMS values are calculated starting from the following formulas. Shunt or Current Transformer [Eq. 20] multiplying Eq 20 by ω, the I RMS value is obtained: [Eq. 21] The RMS voltage value is obtained as: [Eq. 22] For the Apparent Power another value is produced: [Eq. 23] Multiplying Eq.20 and Eq. 23, the Apparent power is produced: [Eq. 24] Rogowsky Coil In this case we have: [Eq. 25] while VRMS is calculated as in Eq. 22. The Apparent Power is simple calculated multiplying Eq.25 and Eq. 22. The DSP then performs the integration of the computed powers into energies. These integrators are implemented as Up/Down counters and they can rollover. 20-bit output buses of the counters are assigned as most significant part of energy data records. It is a responsibility of an application to read the counters at least every second not to miss any rollover. 2 ) ( 1 0 2 ⋅ = ∫ ω I dt t I T T 2 I I RMS = 2 ) ( 1 0 2 V dt t v T V T RMS = = ∫ 2 ) ( 1 0 2 ω ⋅ = ′ ∫ V dt t v T T 2 2 2 VI V I S = ⋅ ⋅ ⋅ = ω ω 2 ) ( 1 0 2 I dt t i T I T RMS = ′′ = ∫ |