データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VL53L4ED データシート(PDF) 24 Page - STMicroelectronics

部品番号 VL53L4ED
部品情報  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED データシート(HTML) 24 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 20Page - STMicroelectronics VL53L4ED Datasheet HTML 21Page - STMicroelectronics VL53L4ED Datasheet HTML 22Page - STMicroelectronics VL53L4ED Datasheet HTML 23Page - STMicroelectronics VL53L4ED Datasheet HTML 24Page - STMicroelectronics VL53L4ED Datasheet HTML 25Page - STMicroelectronics VL53L4ED Datasheet HTML 26Page - STMicroelectronics VL53L4ED Datasheet HTML 27Page - STMicroelectronics VL53L4ED Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Figure 20. Evolution of accuracy over temperature for a typical part (100 ms timing budget, 5 klx)
Figure 21. Box plot range definition
7.6
Ranging drift with temperature
When the temperature increases, the ranging value may be affected.
This value is an offset and not a gain, and it does not depend on the target distance.
The device embeds a feature that allows compensation of the temperature variation effect.
To get the most accurate performances, perform a manual temperature update when temperature varies. This
operation is done using a dedicated driver function.
VL53L4ED
Ranging performances
DS14256 - Rev 3
page 24/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39