| データシートサーチシステム |
|
TC72-3.3MUATR データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC72-3.3MUATR データシート(HTML) 21 Page - Microchip Technology |
|
21 / 24 page ![]() 2002 Microchip Technology Inc. DS21743A-page21 TC72 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Sales and Support Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom- mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office 2. The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 3. The Microchip Worldwide Site (www.microchip.com) Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products. PART NO. -X.X XX Package Voltage Range Device Device: TC72: Digital Temperature Sensor w/SPI Interface Voltage Range: 2.8 = Accuracy Optimized for 2.8V 3.3 = Accuracy Optimized for 3.3V 5.0 = Accuracy Optimized for 5.0V Temperature Range: M = -55°C to +125°C Package: MF = Dual, Flat, No Lead (DFN) (3x3mm), 8-lead MFTR = Dual, Flat, No Lead (DFN) (3x3mm), 8-lead (Tape and Reel) UA = Plastic Micro Small Outline (MSOP), 8-lead UATR = Plastic Micro Small Outline (MSOP), 8-lead (Tape and Reel) Examples: a) TC72-2.8MUA: Digital Temperature Sensor, 2.8V, 8LD MSOP package. b) TC72-2.8MUATR: Digital Temperature Sen- sor, 2.8V, 8LD MSOP (tape and reel) package. c) TC72-2.8MMF: Digital Temperature Sensor, 2.8V, 8LD DFN package. d) TC72-3.3MUA: Digital Temperature Sensor, 3.3V, 8LD MSOP package. e) TC72-3.3MMF: Digital Temperature Sensor, 3.3V, 8LD DFN package. f) TC72-5.0MUA: Digital Temperature Sensor, 5.0V, 8LD MSOP package. g) TC72-5.0MMF: Digital Temperature Sensor, 5.0V, 8LD DFN package. h) TC72-5.0MMFTR: Digital Temperature Sen- sor, 5.0V, 8LD DFN (tape and reel) package. X Temperature Range |