| データシートサーチシステム |
|
TC72-3.3MUATR データシート(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC72-3.3MUATR データシート(HTML) 7 Page - Microchip Technology |
|
7 / 24 page ![]() 2002 Microchip Technology Inc. DS21743A-page 7 TC72 Note: Unless otherwise indicated, all parameters apply at V DD = 2.65V to 5.5V, TA = -55°C to +125 °C. FIGURE 2-7: Histogram of Temperature Accuracy at -55 Degrees C. FIGURE 2-8: Histogram of Temperature Accuracy at -40 Degrees C. FIGURE 2-9: Histogram of Temperature Accuracy at +25 Degrees C. FIGURE 2-10: Histogram of Temperature Accuracy at +65 Degrees C. FIGURE 2-11: Histogram of Temperature Accuracy at +85 Degrees C. FIGURE 2-12: Histogram of Temperature Accuracy at +125 Degrees C. 0 5 10 15 20 25 30 35 40 45 50 Temperature Error (°C) TC72-X.XMXX Sample Size = 166 TA = -55°C 0 10 20 30 40 50 60 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 Temperature Error (°C) TC72-X.XMXX Sample Size = 166 TA = -40°C 0 10 20 30 40 50 60 Temperature Error (°C) TC72-X.XMXX Sample Size = 166 TA = +25°C 0 10 20 30 40 50 60 Temperature Error (°C) TC72-X.XMXX Sample Size = 166 TA = +65°C 0 5 10 15 20 25 30 35 40 45 50 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 Temperature Error (°C) TC72-X.XMXX Sample Size = 166 TA = +85°C 0 5 10 15 20 25 30 35 40 Temperature Error (°C) TC72-X.XMXX Sample Size = 166 TA = +125°C |