| データシートサーチシステム |
|
TC648BEOATR データシート(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC648BEOATR データシート(HTML) 23 Page - Microchip Technology |
|
23 / 36 page ![]() 2003 Microchip Technology Inc. DS21755B-page 23 TC646B/TC648B/TC649B The fan used in the system is a Panasonic®, Panaflo®- series fan, model number FBA06T12H. A fault indication is desired when the fan is in a locked- rotor condition. This signal is used to indicate to the system that cooling is not available and a warning should be issued to the user. No fault indication from the fan controller is necessary for an over-temperature condition as this is being reported elsewhere. Step 1: Gathering Information. The first step in the design process is to gather the needed data on the fan and thermistor. For the fan, it is also a good idea to look at the fan current waveform, as indicated earlier in the data sheet. Fan Information: Panasonic number: FBA06T12H - Voltage = 12V - Current = 145 mA (data sheet number) FIGURE 5-8: FBA06T12H Fan Current Waveform. From the waveform in Figure 5-8, the fan current has an average value of 120 mA, with peaks up to 150 mA. This information will help in the selection of the RSENSE and CSENSE values later on. Also of interest for the RSENSE selection value is what the fan current does in a locked-rotor condition. FIGURE 5-9: FBA06T12H Locked-Rotor Fan Current. From Figure 5-9, it is seen that in a locked-rotor fault condition, the fan goes into a pulsed current mode of operation. During this mode, when the fan is conduct- ing current, the peak current value is 360 mA for peri- ods of 200 msec. This is significantly higher than the average full fan speed current shown in Figure 5-8. However, because of the pulse mode, the average fan current in a locked-rotor condition is lower and was measured at 68 mA. The RMS current during this mode, which is necessary for current sense resistor (RSENSE) value selection, was measured at 154 mA. This is slightly higher than the RMS value during full fan speed operation. Thermistor Information: Thermometrics part number: NHQ104B425R5 - Resistance Value: 100 k Ω @ 25ºC - Beta Value ( β): 4250 From this information, the thermistor values at 20ºC and 40ºC must be found. This information is needed in order to select the proper resistor values for R1 and R2 (see Figure 5-13), which sets the VIN voltage. The equation for determining the thermistor values is shown below: EQUATION RT0 is the thermistor value at 25ºC. T0 is 298.15 and T is the temperature of interest. All temperatures are in degrees kelvin. Using this equation, the values for the thermistor are found to be: -RT (20ºC) = 127,462Ω -RT (40ºC) = 50,520Ω RT RTO β TO T – () TTO • ------------------------ exp = |