| データシートサーチシステム |
|
TC648BEOATR データシート(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC648BEOATR データシート(HTML) 24 Page - Microchip Technology |
|
24 / 36 page ![]() TC646B/TC648B/TC649B DS21755B-page 24 2003 Microchip Technology Inc. Step 2: Selecting the Fan Controller. The requirements for the fan controller are that it have auto-shutdown capability at 20ºC and also indicate a fan fault condition. No over-temperature indication is necessary. From these specifications, the proper selection is the TC649B device. Step 3: Setting the PWM Frequency. The fan is rated at 4200 RPM with a 12V input. The goal is to run to a 40% duty cycle (roughly 40% fan speed), which equates to approximately 1700 RPM. At 1700 RPM, one full fan revolution occurs every 35 msec. The fan being used is a four-pole fan that gives four current pulses per revolution. With this infor- mation, and viewing test results at 40% duty cycle, two fan current pulses were always seen during the PWM on time with a PWM frequency of 30 Hz. For this rea- son, the CF value is selected to be 1.0 µF. Step 4: Setting the VIN Voltage. From the design criteria, the desired duty cycle at 20ºC is 40% and full fan speed should be reached at 40ºC. Based on a VIN voltage range of 1.20V to 2.60V, which represents 0% to 100% duty cycle, the 40% duty cycle voltage can be found using the following equation: EQUATION Using the above equation, the VIN values are calculated to be: -VIN (40%) = 1.76V -VIN (100%) = 2.60V Using these values along with the thermistor resistance values calculated earlier, the R1 and R2 resistor values can now be calculated using the following equation: EQUATION RTEMP is the parallel combination of R1 and the ther- mistor. V(T1) represents the VIN voltage at 20ºC and V(T2) represents the VIN voltage at 40ºC. Solving the equations simultaneously yields the following values (VDD = 5V): -R1 = 238,455 Ω -R2 = 45,161 Ω Using standard 1% resistor values, the selected R1 and R2 values are: -R1 = 237 kΩ -R2 = 45.3 kΩ A graph of the VIN voltage, thermistor resistance and RTEMP resistance versus temperature for this configuration is shown in Figure 5-10. FIGURE 5-10: Thermistor Resistance, VIN and RTEMP vs. Temperature Step 5: Setting the Auto-Shutdown Voltage (VAS). Setting the voltage for the auto-shutdown is done using a simple resistor voltage divider. The criteria for the voltage divider in this design is that it draw no more than 100 µA of current. The required auto-shutdown voltage was determined earlier in the selection of the VIN voltage at 40% duty cycle, since this was also set at the temperature that auto-shutdown is to occur (20ºC). -VAS = 1.76V Given this desired setpoint and knowing the desired divider current, the following equations can be used to solve for the resistor values for R3 and R4: EQUATION Using the equations above, the resistor values for R3 and R4 are found to be: -R3 = 32.4 kΩ -R4 = 17.6 kΩ Using standard 1% resistor values yields the following values: -R3 = 32.4 kΩ -R4 = 17.8 kΩ VIN = (DC * 1.4V) + 1.20V DC = Desired Duty Cycle VT1 () VDD R2 × RTEMP T1 () R2 + ------------------------------------------ = VT2 () VDD R2 × RTEMP T2 () R2 + ------------------------------------------ = 0 50 100 150 200 250 300 350 400 0 1020 3040 5060 7080 90 Temperature (ºC) 0.00 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00 VIN NTC Thermistor 100 k @ 25ºC RTEMP IDIV = 5V R3 + R4 VAS = 5V * R4 R3 + R4 |