データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADBMS2950BCCSZ データシート(PDF) 57 Page - Analog Devices

部品番号 ADBMS2950BCCSZ
部品情報  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ データシート(HTML) 57 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 53Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 54Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 55Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 56Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 57Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 58Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 59Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 60Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 57 of 97
Name
Type
Reset
Value
Description
0
GPIO1 reads back as low.
1
GPIO1 reads back as high, when pulled up externally.
GPIO2L
RO
1
GPIO2 Read Back.
0
GPIO2 reads back as low.
1
GPIO2 reads back as high, when pulled up externally.
GPIO3L
RO
1
GPIO3 Read Back.
0
GPIO3 reads back as low.
1
GPIO3 reads back as high, when pulled up externally.
GPIO4L
RO
1
GPIO4 Read Back.
0
GPIO4 reads back as low.
1
GPIO4 reads back as high, when pulled up externally./td>
GPO1L
RO
1
GPO1 Low-Level Read Back.
0
GPO1 reads back below low-level threshold vs. GND.
1
GPO1 reads back above low-level threshold vs. GND.
GPO1H
RO
1
GPO1 High-Level Read Back.
0
GPO1 reads back below high-level threshold vs. VDD.
1
GPO1 reads back above high-level threshold vs. VDD.
GPO2L
RO
1
GPO2 Low-Level Read Back.
0
GPO2 reads back below low-level threshold vs. GND.
1
GPO2 reads back above low-level threshold vs. GND.
GPO2H
RO
1
GPO2 High-Level Read Back.
0
GPO2 reads back below high-level threshold vs. VDD.
1
GPO2 reads back above high-level threshold vs. VDD.
GPO3L
RO
1
GPO1 Low-Level Read Back.
0
GPO1 reads back below low-level threshold vs. GND.
1
GPO1 reads back above low-level threshold vs. GND.
GPO3H
RO
1
GPO3 High-Level Read Back.
0
GPO3 reads back below high-level threshold vs. VDD.
1
GPO3 reads back above high-level threshold vs. VDD.
GPO4L
RO
1
GPO4 Low-Level Read Back.
0
GPO4 reads back below low-level threshold vs. GND.
1
GPO4 reads back above low-level threshold vs. GND.
GPO4H
RO
1
GPO4 High-Level Read Back.
0
GPO4 reads back below high-level threshold vs. VDD.
1
GPO4 reads back above high-level threshold vs. VDD.
GPO5L
RO
1
GPO5 Low-Level Read Back.
0
GPO5 reads back below low-level threshold vs. GND.
1
GPO5 reads back above low-level threshold vs. GND.
GPO5H
RO
1
GPO5 High-Level Read Back.
0
GPO5 reads back below high-level threshold vs. VDD.
1
GPO5 reads back above high-level threshold vs. VDD.
GPO6L
RO
1
GPO6 Low-Level Read Back.
0
GPO6 reads back below low-level threshold vs. GND.
1
GPO6 reads back above low-level threshold vs. GND.
GPO6H
RO
1
GPO6 High-Level Read Back.
0
GPO6 reads back below high-level threshold vs. VDD.
1
GPO6 reads back above high-level threshold vs. VDD.
The RDALLC command is an alias for the CFGA, CFGB,
FLAG, and STAT registers. It returns all the configuration bits,
flag bits, and most status bits by one single read command.
RDALL commands are not available on the isoSPI daisy-chains.
For more details, see the Communication Protocol section.
Table 78. RDALLC Return Values
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
OCEN
VS5
VS4
VS3
VS2
VS1
1
INJTM
INJECC
0
INJTS
INJMON
INJOSC
2
SOAK
VS10
VS9
VS8
VS7
VS6
3
0
GPO6C
GPO5C
GPO4C
GPO3C
GPO2C
GPO1C
4
SPI3W
GPIO1FE
GPO6OD
GPO5OD
GPO4OD
GPO3OD
GPO2OD
GPO1OD
5
VB2MUX
VB1MUX
RESERVED
COMMBK
ACCI
6
0
OC1TH
7
0
OC2TH
8
0
OC3TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97