データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADBMS2950BCCSZ データシート(PDF) 60 Page - Analog Devices

部品番号 ADBMS2950BCCSZ
部品情報  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ データシート(HTML) 60 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 56Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 57Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 58Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 59Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 60Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 61Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 62Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 63Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 60 of 97
•
GPOxL informs whether the voltage difference
between the GPO and the GND pin is sufficiently
small to represent logic Low.
•
By contrast, GPOxH informs whether the voltage
difference between the VDD and the GPO pin is
sufficiently small to represent logic High.
If the respective GPO is not operated in the gray zone by
extreme external resistive or capacitive load, the GPOxL and
GPOxH readback comparators return the same value.
Figure 42. GPO Readback Voltage Thresholds
GPIO Operation
Figure 43. GPIO Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97