| データシートサーチシステム |
|
DSPIC33FJ12MC02ESS データシート(PDF) 267 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC02ESS データシート(HTML) 267 Page - Microchip Technology |
|
267 / 284 page ![]() © 2007 Microchip Technology Inc. Preliminary DS70265B-page 265 dsPIC33FJ12MC201/202 FIGURE 23-23: ADC CONVERSION (10-BIT MODE) TIMING CHARACTERISTICS (CHPS<1:0> = 01, SIMSAM = 0, ASAM = 0, SSRC<2:0> = 000) FIGURE 23-24: ADC CONVERSION (10-BIT MODE) TIMING CHARACTERISTICS (CHPS<1:0> = 01, SIMSAM = 0, ASAM = 1, SSRC<2:0> = 111, SAMC<4:0> = 00001) AD55 TSAMP Clear SAMP Set SAMP AD61 ADCLK Instruction SAMP AD60 DONE ADxIF 1 2 3 4 5 6 8 5 6 7 1 – Software sets ADxCON. SAMP to start sampling. 2 – Sampling starts after discharge period. TSAMP is described in Section 28. “10/12-bit ADC without DMA” 3 – Software clears ADxCON. SAMP to start conversion. 4 – Sampling ends, conversion sequence starts. 5 – Convert bit 9. 8 – One TAD for end of conversion. AD50 7 AD55 8 6 – Convert bit 8. 7 – Convert bit 0. Execution in the “dsPIC33F Family Reference Manual”. 1 2 3 4 5 6 4 5 6 8 1 – Software sets ADxCON. ADON to start AD operation. 2 – Sampling starts after discharge period. TSAMP is described in 3 – Convert bit 9. 4 – Convert bit 8. 5 – Convert bit 0. 7 3 6 – One TAD for end of conversion. 7 – Begin conversion of next channel. 8 – Sample for time specified by SAMC<4:0>. ADCLK Instruction Set ADON Execution SAMP TSAMP ADxIF DONE AD55 AD55 TSAMP AD55 AD50 Section 28. “10/12-bit ADC without DMA” in the “dsPIC33F Family Reference Manual'. |