| データシートサーチシステム |
|
DSPIC33FJ12MC02ESS データシート(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC02ESS データシート(HTML) 12 Page - Microchip Technology |
|
12 / 284 page ![]() dsPIC33FJ12MC201/202 DS70265B-page 10 Preliminary © 2007 Microchip Technology Inc. FLTA1 PWM1L1 PWM1H1 PWM1L2 PWM1H2 PWM1L3 PWM1H3 FLTA2 PWM2L1 PWM2H1 I O O O O O O I O O ST — — — — — — ST — — PWM1 Fault A input. PWM1 Low output 1 PWM1 High output 1 PWM1 Low output 2 PWM1 High output 2 PWM1 Low output 3 PWM1 High output 3 PWM2 Fault A input. PWM2 Low output 1 PWM2 High output 1 PGD1/EMUD1 PGC1/EMUC1 PGD2/EMUD2 PGC2/EMUC2 PGD3/EMUD3 PGC3/EMUC3 I/O I I/O I I/O I ST ST ST ST ST ST Data I/O pin for programming/debugging communication channel 1. Clock input pin for programming/debugging communication channel 1. Data I/O pin for programming/debugging communication channel 2. Clock input pin for programming/debugging communication channel 2. Data I/O pin for programming/debugging communication channel 3. Clock input pin for programming/debugging communication channel 3. MCLR I/P ST Master Clear (Reset) input. This pin is an active-low Reset to the device. AVDD P P Positive supply for analog modules. AVSS P P Ground reference for analog modules. VDD P — Positive supply for peripheral logic and I/O pins. VDDCORE P — CPU logic filter capacitor connection. VSS P — Ground reference for logic and I/O pins. VREF+ I Analog Analog voltage reference (high) input. VREF- I Analog Analog voltage reference (low) input. TABLE 1-1: PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Type Buffer Type Description Legend: CMOS = CMOS compatible input or output Analog = Analog input P=Power ST = Schmitt Trigger input with CMOS levels O = Output I = Input |