データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ12MC02ESS データシート(PDF) 65 Page - Microchip Technology

部品番号 DSPIC33FJ12MC02ESS
部品情報  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS データシート(HTML) 65 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 61Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 62Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 63Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 64Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 65Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 66Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 67Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 68Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 63
dsPIC33FJ12MC201/202
TABLE 6-1:
INTERRUPT VECTORS
Vector
Number
Interrupt
Request (IRQ)
Number
IVT Address
AIVT Address
Interrupt Source
8
0
0x000014
0x000114
INT0 – External Interrupt 0
9
1
0x000016
0x000116
IC1 – Input Compare 1
10
2
0x000018
0x000118
OC1 – Output Compare 1
11
3
0x00001A
0x00011A
T1 – Timer1
12
4
0x00001C
0x00011C
Reserved
13
5
0x00001E
0x00011E
IC2 – Input Capture 2
14
6
0x000020
0x000120
OC2 – Output Compare 2
15
7
0x000022
0x000122
T2 – Timer2
16
8
0x000024
0x000124
T3 – Timer3
17
9
0x000026
0x000126
SPI1E – SPI1 Error
18
10
0x000028
0x000128
SPI1 – SPI1 Transfer Done
19
11
0x00002A
0x00012A
U1RX – UART1 Receiver
20
12
0x00002C
0x00012C
U1TX – UART1 Transmitter
21
13
0x00002E
0x00012E
ADC1 – ADC 1
22
14
0x000030
0x000130
Reserved
23
15
0x000032
0x000132
Reserved
24
16
0x000034
0x000134
SI2C1 – I2C1 Slave Events
25
17
0x000036
0x000136
MI2C1 – I2C1 Master Events
26
18
0x000038
0x000138
Reserved
27
19
0x00003A
0x00013A
Change Notification Interrupt
28
20
0x00003C
0x00013C
INT1 – External Interrupt 1
29
21
0x00003E
0x00013E
Reserved
30
22
0x000040
0x000140
IC7 – Input Capture 7
31
23
0x000042
0x000142
IC8 – Input Capture 8
32
24
0x000044
0x000144
Reserved
33
25
0x000046
0x000146
Reserved
34
26
0x000048
0x000148
Reserved
35
27
0x00004A
0x00014A
Reserved
36
28
0x00004C
0x00014C
Reserved
37
29
0x00004E
0x00014E
INT2 – External Interrupt 2
38
30
0x000050
0x000150
Reserved
39
31
0x000052
0x000152
Reserved
40
32
0x000054
0x000154
Reserved
41
33
0x000056
0x000156
Reserved
42
34
0x000058
0x000158
Reserved
43
35
0x00005A
0x00015A
Reserved
44
36
0x00005C
0x00015C
Reserved
45
37
0x00005E
0x00015E
Reserved
46
38
0x000060
0x000160
Reserved
47
39
0x000062
0x000162
Reserved
48
40
0x000064
0x000164
Reserved
49
41
0x000066
0x000166
Reserved
50
42
0x000068
0x000168
Reserved
51
43
0x00006A
0x00016A
Reserved
52
44
0x00006C
0x00016C
Reserved
53
45
0x00006E
0x00016E
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More