| データシートサーチシステム |
|
4571 データシート(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4571 データシート(HTML) 46 Page - Renesas Technology Corp |
|
46 / 126 page ![]() Rev.1.02 May 25, 2007 Page 46 of 124 REJ03B0179-0102 4571 Group Fig 47. State transition Fig 48. Set source and clear source of the P flag Fig 49. Start condition identified example using the SNZP instruction Notes 1: Microcomputer starts its operation after counting f( XIN) 5400 to 5424 times from system is released from reset. 2: Continuous execution of the EPOF instruction and the POF instruction is required to go into the RAM back-up state. 3: The operation mode also returns to the initial state (internal frequency divided by 4 mode) (register MR initialized). State A Operating state f(XIN) : operating POF instruction execution (Note 2) Key-on wakeup (Notes 1, 3) Reset (Note 1) State D RAM back-up mode f(XIN) : Stop Q S + R EPOF instruction POF instruction Internal reset signal Power down flag (P) - Set source ... - Clear source ... Reset EPOF instruction + POF instruction P = “1” ? Yes No Warm start SNZP instruction Cold start Software start |