| データシートサーチシステム |
|
4571 データシート(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4571 データシート(HTML) 10 Page - Renesas Technology Corp |
|
10 / 126 page ![]() Rev.1.02 May 25, 2007 Page 10 of 124 REJ03B0179-0102 4571 Group Fig 5. Port block diagram (3) IAP3 instruction OP3A instruction (Note 1) (Note 1) P30, P31(Note 2) D T Q Aj Register A Aj (Note 3) FR0j (Note 3) (Note 1) (Note1) C/CNTR1(Note 2) D T Q SCP instruction RCP instruction S R R Q PWMOD Timer 1 underflow signal W51 W12 Carrier wave output auto-control signal PWMOUT (Note 1) K(Note 2) Edge detection circuit Key-on wakeup input K22 (Note 4) Register A A0 IAK instruction Notes 1. This symbol represents a parasitic diode on the port. 2. Applied potential to these ports must be V DD or less. 3. j represents bits 0 or 1. 4. Falling edge of port input is detected. |