| データシートサーチシステム |
|
PIC16F688-E/ML データシート(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-E/ML データシート(HTML) 56 Page - Microchip Technology |
|
56 / 202 page ![]() PIC16F688 DS41203D-page 54 © 2007 Microchip Technology Inc. FIGURE 7-2: COMPARATOR C1 OUTPUT BLOCK DIAGRAM FIGURE 7-3: COMPARATOR C2 OUTPUT BLOCK DIAGRAM DQ EN To C1OUT pin RD CMCON0 Set C1IF bit Q3*RD CMCON0 Reset To Data Bus C1INV DQ EN CL Q1 Note 1: Q1 and Q3 are phases of the four-phase system clock (FOSC). 2: Q1 is held high during Sleep mode. C1 C2SYNC DQ EN To C2OUT pin RD CMCON0 Set C2IF bit Q3*RD CMCON0 Reset To Data Bus C2INV Timer1 clock source(1) 0 1 To Timer1 Gate DQ DQ EN CL Q1 Note 1: Comparator output is latched on falling edge of Timer1 clock source. 2: Q1 and Q3 are phases of the four-phase system clock (FOSC). 3: Q1 is held high during Sleep mode. C2 |