| データシートサーチシステム |
|
PIC16F688-E/ML データシート(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-E/ML データシート(HTML) 7 Page - Microchip Technology |
|
7 / 202 page ![]() © 2007 Microchip Technology Inc. DS41203D-page 5 PIC16F688 1.0 DEVICE OVERVIEW The PIC16F688 is covered by this data sheet. It is available in 14-pin PDIP, SOIC, TSSOP and QFN packages. Figure 1-1 shows a block diagram of the PIC16F688 device. Table 1-1 shows the pinout description. FIGURE 1-1: PIC16F688 BLOCK DIAGRAM Flash Program Memory 13 Data Bus 8 14 Program Bus Instruction Reg Program Counter RAM File Registers Direct Addr 7 RAM Addr 9 Addr MUX Indirect Addr FSR Reg STATUS Reg MUX ALU W Reg Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT PORTA 8 8 8 3 8-Level Stack 256 bytes 4k x 14 (13 bit) Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer MCLR VSS Brown-out Reset 2 Timer0 Timer1 DATA EEPROM 256 bytes EEDAT EEADDR RA0 RA1 RA2 RA3 RA4 RA5 Analog Comparators Analog-to-Digital Converter AN0 AN1 AN2 AN3 C1IN- C1IN+ C1OUT T0CKI INT T1CKI Configuration Internal Oscillator VREF and Reference T1G PORTC RC0 RC1 RC2 RC3 RC4 RC5 AN4 AN5 AN6 AN7 VDD 8 C2IN- C2IN+ C2OUT EUSART Block RX/DT TX/CK |