| データシートサーチシステム |
|
PIC16F010-E/ST データシート(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F010-E/ST データシート(HTML) 78 Page - Microchip Technology |
|
78 / 116 page ![]() PIC12F510/16F506 DS41268C-page 76 Preliminary © 2007 Microchip Technology Inc. IORWF Inclusive OR W with f Syntax: [ label ] IORWF f,d Operands: 0 ≤ f ≤ 31 d ∈ [0,1] Operation: (W).OR. (f) → (dest) Status Affected: Z Description: Inclusive OR the W register with register ‘f’. If ‘d’ is ‘0’, the result is placed in the W register. If ‘d’ is ‘1’, the result is placed back in register ‘f’. MOVF Move f Syntax: [ label ] MOVF f,d Operands: 0 ≤ f ≤ 31 d ∈ [0,1] Operation: (f) → (dest) Status Affected: Z Description: The contents of register ‘f’ are moved to destination ‘d’. If ‘d’ is ‘0’, destination is the W register. If ‘d’ is ‘1’, the destination is file register ‘f’. ‘d’ = 1 is useful as a test of a file register, since Status flag Z is affected. MOVLW Move Literal to W Syntax: [ label ] MOVLW k Operands: 0 ≤ k ≤ 255 Operation: k → (W) Status Affected: None Description: The eight-bit literal ‘k’ is loaded into the W register. The “don’t cares” will be assembled as ‘0’s. MOVWF Move W to f Syntax: [ label ] MOVWF f Operands: 0 ≤ f ≤ 31 Operation: (W) → (f) Status Affected: None Description: Move data from the W register to register ‘f’. NOP No Operation Syntax: [ label ] NOP Operands: None Operation: No operation Status Affected: None Description: No operation. OPTION Load OPTION Register Syntax: [ label ] Option Operands: None Operation: (W) → Option Status Affected: None Description: The content of the W register is loaded into the OPTION register. |