データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F010-E/ST データシート(PDF) 80 Page - Microchip Technology

部品番号 PIC16F010-E/ST
部品情報  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-E/ST データシート(HTML) 80 Page - Microchip Technology

Back Button PIC16F010-E/ST Datasheet HTML 76Page - Microchip Technology PIC16F010-E/ST Datasheet HTML 77Page - Microchip Technology PIC16F010-E/ST Datasheet HTML 78Page - Microchip Technology PIC16F010-E/ST Datasheet HTML 79Page - Microchip Technology PIC16F010-E/ST Datasheet HTML 80Page - Microchip Technology PIC16F010-E/ST Datasheet HTML 81Page - Microchip Technology PIC16F010-E/ST Datasheet HTML 82Page - Microchip Technology PIC16F010-E/ST Datasheet HTML 83Page - Microchip Technology PIC16F010-E/ST Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 116 page
background image
PIC12F510/16F506
DS41268C-page 78
Preliminary
© 2007 Microchip Technology Inc.
TRIS
Load TRIS Register
Syntax:
[ label ] TRIS
f
Operands:
f = 6
Operation:
(W)
→ TRIS register f
Status Affected:
None
Description:
TRIS register ‘f’ (f = 6 or 7) is
loaded with the contents of the W
register
XORLW
Exclusive OR literal with W
Syntax:
[label ]XORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .XOR. k
→ (W)
Status Affected:
Z
Description:
The contents of the W register are
XOR’ed with the eight-bit literal ‘k’.
The result is placed in the W
register.
XORWF
Exclusive OR W with f
Syntax:
[ label ] XORWF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W) .XOR. (f)
→ (dest)
Status Affected:
Z
Description:
Exclusive OR the contents of the
W register with register ‘f’. If ‘d’ is
‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More