| データシートサーチシステム |
|
PIC16F616-E/P データシート(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/P データシート(HTML) 38 Page - Microchip Technology |
|
38 / 180 page ![]() PIC16F610/616/16HV610/616 DS41288C-page 36 Preliminary © 2007 Microchip Technology Inc. 4.2.4.4 RA3/MCLR/VPP Figure 4-3 shows the diagram for this pin. The RA3 pin is configurable to function as one of the following: • a general purpose input • as Master Clear Reset with weak pull-up FIGURE 4-3: BLOCK DIAGRAM OF RA3 VSS D Q CK Q D EN Q Data Bus RD PORTA RD PORTA WR IOCA RD IOCA Reset MCLRE RD TRISA VSS D EN Q MCLRE VDD Weak MCLRE Q1 Input Pin Interrupt-on- Change S(1) R Q From other Write ‘0’ to RAIF Note 1: Set has priority over Reset RA<5:4, 2:0> pins |