| データシートサーチシステム |
|
PIC16F690-E/SS データシート(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F690-E/SS データシート(HTML) 76 Page - Microchip Technology |
|
76 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 74 © 2007 Microchip Technology Inc. 4.4.3.4 RB7/TX/CK Figure 4-10 shows the diagram for this pin. The RB7/TX/CK(1) pin is configurable to function as one of the following: • a general purpose I/O • an asynchronous serial output • a synchronous clock I/O FIGURE 4-10: BLOCK DIAGRAM OF RB7 Note 1: TX and CK are available on PIC16F687/PIC16F689/PIC16F690 only. I/O Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Data Bus WR WPUB RD WPUB RD PORTB RD PORTB WR PORTB WR TRISB RD TRISB WR IOCB RD IOCB Interrupt-on- RABPU Change Q3 SPEN TXEN CK TX SYNC EUSART EUSART 0 1 1 0 0 1 1 0 Available on PIC16F687/PIC16F689/PIC16F690 only. 0 1 1 0 ‘1’ |