| データシートサーチシステム |
|
PIC16F690-E/SS データシート(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F690-E/SS データシート(HTML) 80 Page - Microchip Technology |
|
80 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 78 © 2007 Microchip Technology Inc. 4.5.5 RC4/C2OUT/P1B The RC4/C2OUT/P1B(1, 2) is configurable to function as one of the following: • a general purpose I/O • a digital output from Comparator C2 • a PWM output FIGURE 4-13: BLOCK DIAGRAM OF RC4 4.5.6 RC5/CCP1/P1A The RC5/CCP1/P1A(1) is configurable to function as one of the following: • a general purpose I/O • a digital input/output for the Enhanced CCP • a PWM output FIGURE 4-14: BLOCK DIAGRAM OF RC5 Note 1: Enabling both C2OUT and P1B will cause a conflict on RC4 and create unpredictable results. Therefore, if C2OUT is enabled, the ECCP+ can not be used in Half-Bridge or Full-Bridge mode and vise-versa. 2: P1B is available on PIC16F685/PIC16F690 only. VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC RD PORTC Available on PIC16F685/PIC16F690 only. C2OUT EN CCP1OUT EN C2OUT EN C2OUT CCP1OUT EN CCP1OUT I/O Pin 0 1 1 0 Note 1: CCP1 and P1A are available on PIC16F685/PIC16F690 only. VDD VSS D Q CK Q D Q CK Q Data bus WR PORTC WR TRISC RD TRISC To Enhanced CCP RD PORTC Available on PIC16F685/PIC16F690 only. CCP1OUT CCP1OUT Enable 0 1 1 0 I/O Pin |