| データシートサーチシステム |
|
TNETE2101APZ データシート(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2101APZ データシート(HTML) 14 Page - Texas Instruments |
|
14 / 39 page ![]() TNETE2101 10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE SPWS032D – JANUARY 1997 – REVISED MARCH 1999 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PHY configuration (continued) Table 3 shows the external configuration terminal, register value, and the result, except for the isolate function. Table 3. Terminal and Register Values TERMINAL VALUE (LOW = ACTIVE) REGISTER VALUE WRITTEN REGISTER VALUE READ RESULT Low X 1 Enabled High 0 0 Disabled High 1 1 Enabled Table 4 shows the operation for the isolate function and the resulting control of the isolate function. Table 4. Isolate-Function Operation TERMINAL VALUE (LOW = ACTIVE) REGISTER VALUE WRITTEN REGISTER VALUE READ RESULT Low 0 0 Disabled Low 1 1 Enabled High X 0 Disabled The terminal can be set to a value that disables control of the function through the internal PHY registers. |