| データシートサーチシステム |
|
TNETE2101APZ データシート(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2101APZ データシート(HTML) 25 Page - Texas Instruments |
|
25 / 39 page ![]() TNETE2101 10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE SPWS032D – JANUARY 1997 – REVISED MARCH 1999 25 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Table 11. Message-Code Field Values (Continued) MESSAGE CODE BIT 10–0 MESSAGE CODE DESCRIPTION OUI-tagged message. The OUI-tagged message consists of a single message code of 0000.0000.0101, followed by four user codes defined in the following chart. The numbers indicate where each bit of the 24-bit OUI should be stored in the 11-bit user code. Bits 8–0 of the third user code and the fourth (and final) user code contain a user-defined user-code value that is specific to the OUI transmitted. 5 00000000101 Bit 10 User-Code Encoding of OUI Bit 0 5 00000000101 1st 23 22 21 20 19 18 17 16 15 14 13 2nd 12 11 10 9 8 7 6 5 4 3 2 3rd 1 0 User-defined user code specific to OUI 4th User-defined user code specific to OUI PHY identifier tag code. The PHY ID tag code message consists of a single message code of 0000.0000.0110 followed by four user codes defined in the following chart. The numbers indicate where each bit of the 32-bit PHY ID (stored in GEN_id_hi register 0x2:15–0 and GEN_id_lo register 0x3:15–0) should be stored in the 11-bit user code. Bit 0 of the third user code and the fourth (and final) user code contain a user-defined user-code value that is specific to the PHY ID transmitted. Bit 10 User-Code Encoding of PHY ID Bit 0 6 00000000110 1st 0x2 15 0x2 14 0x2 13 0x2 12 0x2 11 0x2 10 0x2 9 0x2 8 0x2 7 0x2 6 0x2 5 2nd 0x2 4 0x2 3 0x2 2 0x2 1 0x2 0 0x3 15 0x3 14 0x3 13 0x3 12 0x3 11 0x3 10 3rd 0x3 9 0x3 8 0x3 7 0x3 6 0x3 5 0x3 4 0x3 3 0x3 2 0x3 1 0x3 0 UD UC 4th User-defined user code specific to PHY ID 2047 11111111111 Reserved for future autonegotiation use |