| データシートサーチシステム |
|
STAC9271 データシート(PDF) 34 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
STAC9271 データシート(HTML) 34 Page - Integrated Device Technology |
|
34 / 223 page ![]() STAC9271/9272/9273/9274 10-CHANNEL HIGH DEFINITION AUDIO CODEC PC AUDIO IDT™ 10-CHANNEL HIGH DEFINITION AUDIO CODEC 34 STAC9271/9272/9273/9274 V 1.0 MARCH2007 IDT CONFIDENTIAL 6.1. Root Node (NID = 0x00) 6.1.1. Root ID 6.1.2. Root RevID Table 8. Root ID Command Verb Format Verb ID Payload Response Get F00 00 See bitfield table. Table 9. Root ID Command Response Format Bit Bitfield Name RW Reset Description [31.:16] Vendor R 0x8384 Vendor ID. [15.:8] DeviceFix R 0x76 Fixed portion of Device ID. [7.:0] DeviceProg R 0x10 Dependent of device- See device ID table in section 5.8. Table 10. Root RevID Command Verb Format Verb ID Payload Response Get F00 02 See bitfield table. Table 11. Root RevID Command Response Format Bit Bitfield Name RW Reset Description [31.:24] Rsvd R 0x00 Reserved [23.:20] Major R 0x1 Major rev number of compliant Azalia spec. [19.:16] Minor R 0x0 Minor rev number of compliant Azalia spec. [15.:12] VendorFix R 0x0 Fixed portion of Vendor's rev number for this device. [11.:8] VendorProg R 0x1 Vendor's rev number for this device. [7.:4] SteppingFix R 0x0 Fixed portion of vendor stepping number within the Vendor RevID. [3.:0] SteppingProg R 0x1 vendor stepping number within the Vendor RevID. |