| データシートサーチシステム |
|
STAC9271 データシート(PDF) 38 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
STAC9271 データシート(HTML) 38 Page - Integrated Device Technology |
|
38 / 223 page ![]() STAC9271/9272/9273/9274 10-CHANNEL HIGH DEFINITION AUDIO CODEC PC AUDIO IDT™ 10-CHANNEL HIGH DEFINITION AUDIO CODEC 38 STAC9271/9272/9273/9274 V 1.0 MARCH2007 IDT CONFIDENTIAL 6.2.6. AFG Stream [11] R12 R 0x0 384 KHz rate (8/1*48 KHz) NOT supported [10] R11 R 0x1 192.0 KHz rate (4/1*48 KHz) supported [9] R10 R 0x1 176.4 KHz rate (4/1*44.1 KHz) supported [8] R9 R 0x1 96.0 KHz rate (2/1*48 KHz) supported [7] R8 R 0x1 88.2 KHz rate (2/1*44.1 KHz) supported [6] R7 R 0x1 48.0 KHz rate supported (REQUIRED) [5] R6 R 0x1 44.1 KHz rate supported [4] R5 R 0x0 32.0 KHz rate (2/3*48 KHz) supported [3] R4 R 0x0 22.05 KHz rate (1/2*44.1 KHz) supported [2] R3 R 0x0 16.0 KHz rate (1/3*48 KHz) supported [1] R2 R 0x0 11.025 KHz rate (1/4*44.0 KHz) supported [0] R1 R 0x0 8.0 KHz rate (1/6*48 KHz) supported Table 24. AFG Stream Command Verb Format Verb ID Payload Response Get F00 0B See bitfield table. Table 25. AFG Stream Command Response Format Bit Bitfield Name RW Reset Description [31.:3] Rsvd R 0x0 Reserved [2] NonPCM R 0x0 No support for non-PCM data. [1] Float32 R 0x0 No support for Float32 data. [0] PCM R 0x1 PCM-formatted data supported. Table 23. AFG PCMCap Command Response Format Bit Bitfield Name RW Reset Description |