| データシートサーチシステム |
|
STAC9271 データシート(PDF) 101 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
STAC9271 データシート(HTML) 101 Page - Integrated Device Technology |
|
101 / 223 page ![]() STAC9271/9272/9273/9274 10-CHANNEL HIGH DEFINITION AUDIO CODEC PC AUDIO IDT™ 10-CHANNEL HIGH DEFINITION AUDIO CODEC 101 STAC9271/9272/9273/9274 V 1.0 MARCH2007 IDT CONFIDENTIAL 6.12.4. SPDIFIn Stream 6.12.5. SPDIFIn ConLst 6.12.6. SPDIFIn ConLstEntry Table 194. SPDIFIn Stream Command Verb Format Verb ID Payload Response Get F00 0B See bitfield table. Table 195. SPDIFIn Stream Command Response Format Bit Bitfield Name RW Reset Description [31.:3] Rsvd R 0x0 Reserved [2] NonPCM R 0x1 Non-PCM data supported. [1] Float32 R 0x0 No support for Float32 data. [0] PCM R 0x1 PCM-formatted data supported. Table 196. SPDIFIn ConLst Command Verb Format Verb ID Payload Response Get F00 0E See bitfield table. Table 197. SPDIFIn ConLst Command Response Format Bit Bitfield Name RW Reset Description [31.:8] Rsvd R 0x0 Reserved. [7] LForm R 0x0 Connection list uses short-form (7-bit) NID entries. [6.:0] ConL R 0x01 Number of NID entries in connection list. Table 198. SPDIFIn ConLstEntry Command Verb Format Verb ID Payload Response Get F02 00 See bitfield table. |