| データシートサーチシステム |
|
EMC2101-R-ACZL-TR データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
EMC2101-R-ACZL-TR データシート(HTML) 19 Page - Microchip Technology |
|
19 / 56 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS20006703A-page 19 EMC2101 4.6.4 FAN CONTROL LOOK-UP TABLE The EMC2101 uses an 8-entry look-up table to apply a user-programmable fan control profile based on measured temperature. The user programs the Fan Control Look-Up Table using incrementally higher temperatures and the desired fan output that should be set when that temperature is reached. If the measured temperature on the External Diode channel exceeds any of these temperature thresholds, the fan output will be automatically programmed to the desired setting corresponding to the exceeded tem- perature. When the measured temperature drops to a point below any lower threshold minus the hysteresis value, the fan output will be set to the corresponding lower set point. Figure 4-7 shows an example of this operation. If the Fan Control Look-Up Table is not used, the user may program the Fan Output directly by writing to the Fan Setting Register (4Ch - see Register 5-16). FIGURE 4-7: Fan Control Look-Up Table Example. |