データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC2101-R-ACZL-TR データシート(PDF) 15 Page - Microchip Technology

部品番号 EMC2101-R-ACZL-TR
部品情報  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR データシート(HTML) 15 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 11Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 12Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 13Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 14Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 15Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 16Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 17Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 18Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 15
EMC2101
4.5
Temperature Monitors
In general, thermal diode temperature measurements
are based on the change in forward bias voltage of a
diode when operated at two different currents. The
change in forward bias voltage is proportional to
absolute temperature (T), as shown in Equation 4-1.
EQUATION 4-1:
FIGURE 4-3:
Block Diagram of Temperature Monitoring Circuit.
Figure 4-3 shows a block diagram of the temperature
measurement circuit. As shown, the EMC2101
incorporates a delta-sigma analog to digital converter
that integrates the temperature diode voltage from
multiple bias currents.
V
BE
kT
q
----------1n
IHIGH
ILOW
--------------


=
Where:
k
=
Boltzmann’s constant
T
=
Absolute temperature in Kelvin
q
=
Electron charge
η
=
Diode ideality factor
ΔΣ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56