データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5912 データシート(PDF) 7 Page - OSRAM GmbH

部品番号 AS5912
部品情報  AS5912 512-channel low noise current-to-digital converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5912 データシート(HTML) 7 Page - OSRAM GmbH

  AS5912 Datasheet HTML 1Page - OSRAM GmbH AS5912 Datasheet HTML 2Page - OSRAM GmbH AS5912 Datasheet HTML 3Page - OSRAM GmbH AS5912 Datasheet HTML 4Page - OSRAM GmbH AS5912 Datasheet HTML 5Page - OSRAM GmbH AS5912 Datasheet HTML 6Page - OSRAM GmbH AS5912 Datasheet HTML 7Page - OSRAM GmbH AS5912 Datasheet HTML 8Page - OSRAM GmbH AS5912 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AS5912
Package drawings & markings
Short Datasheet
• PUBLIC • Document Feedback
DS001050
• v1-00 • 2024-Feb-16
7 / 9
/
(1) All dimensions are in millimeters. Angles in degrees.
(2) Dimensioning and tolerancing conform to ASME Y14.5M-1994.
(3) Maximum solder ball diameter measured parallel to datum C. Post reflow diameter.
(4) Datum C and seating plane are defined by the spherical crowns of the solder balls.
(5) This package contains no lead (Pb).
(6) This drawing is subject to change without notice.
Figure 3: FBGA400 package marking/code of AS5912
YY
Manufacturing Year
WW
Manufacturing Week
X
Assembly Plant Identifier
ZZ
Assembly Traceability Code
@
Sublot Identifier
XXXX
ams OSRAM internal number
2D barcode



Html Pages

1 2 3 4 5 6 7 8 9