データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5912 データシート(PDF) 8 Page - OSRAM GmbH

部品番号 AS5912
部品情報  AS5912 512-channel low noise current-to-digital converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5912 データシート(HTML) 8 Page - OSRAM GmbH

  AS5912 Datasheet HTML 1Page - OSRAM GmbH AS5912 Datasheet HTML 2Page - OSRAM GmbH AS5912 Datasheet HTML 3Page - OSRAM GmbH AS5912 Datasheet HTML 4Page - OSRAM GmbH AS5912 Datasheet HTML 5Page - OSRAM GmbH AS5912 Datasheet HTML 6Page - OSRAM GmbH AS5912 Datasheet HTML 7Page - OSRAM GmbH AS5912 Datasheet HTML 8Page - OSRAM GmbH AS5912 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AS5912
Revision information
Short Datasheet
• PUBLIC • Document Feedback
DS001050
• v1-00 • 2024-Feb-16
8 / 9
/
3
Revision information
Document status
Product status
Definition
Product Preview
Pre-development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams-OSRAM AG standard warranty as given in the General Terms of Trade
Other definitions
Draft / Preliminary:
The draft / preliminary status of a document indicates that the content is still under internal review and subject to change without notice. ams-OSRAM
AG does not give any warranties as to the accuracy or completeness of information included in a draft / preliminary version of a document and shall
have no liability for the consequences of use of such information.
Short datasheet:
A short datasheet is intended for quick reference only, it is an extract from a full datasheet with the same product number(s) and title. For detailed
and full information always see the relevant full datasheet. In case of any inconsistency or conflict with the short datasheet, the full datasheet shall
prevail.
Changes from previous released version to current revision v1-00
Page
This short datasheet is derived from v1-00 of full datasheet.
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9