| データシートサーチシステム |
|
SC16C852LIB データシート(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C852LIB データシート(HTML) 47 Page - NXP Semiconductors |
|
47 / 60 page ![]() SC16C852L_2 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 02 — 25 January 2007 47 of 60 NXP Semiconductors SC16C852L 1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder Fig 18. Receive ready timing in non-FIFO mode (16 mode) D0 D1 D2 D3 D4 D5 D6 D7 002aac613 next data start bit stop bit parity bit td(stop-RXRDY) RXA, RXB RXRDYA, RXRDYB IOR active data ready start bit data bits (0 to 7) active td(IOR-RXRDYH) Fig 19. Receive ready timing in non-FIFO mode (68 mode) D0 D1 D2 D3 D4 D5 D6 D7 002aac620 next data start bit stop bit parity bit td(stop-RXRDY) RXA, RXB RXRDYA, RXRDYB CS (read) active data ready start bit data bits (0 to 7) active td(CS-RXRDYH)R |