| データシートサーチシステム |
|
T48C862-R8 データシート(PDF) 94 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862-R8 データシート(HTML) 94 Page - ATMEL Corporation |
|
94 / 107 page ![]() 94 T48C862-R8 4590B–4BMCU–02/03 A -> acknowledge, N -> no acknowledge; HB: high byte; LB: low byte, R: row address Initialization the Serial Interface to the EEPROM To prevent unexpected behavior of he EEPROM and its interface it is good practice to use an initialization sequence after any reset of the circuit. This is performed by writing: to the serial interface. If the EEPROM acknowledges this sequence it is in a defined state. Maybe it is necessary to perform this sequence twice. Read high byte first, address decrement A4 A3 A2 A1 A0 C1 C0 R/NW Row address 1 0 1 Byte order HB(R) LB(R) HB(R-1) LB(R-1) - - - HB(R-n) LB(R-n) Start "FFh" A Stop |