| データシートサーチシステム |
|
T48C862-R8 データシート(PDF) 57 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862-R8 データシート(HTML) 57 Page - ATMEL Corporation |
|
57 / 107 page ![]() 57 T48C862-R8 4590B–4BMCU–02/03 Figure 51. Counter Reset with Each Compare Match Figure 52. Counter Reset with Compare Register 2 and Toggle with Start Figure 53. Single Action of Compare Register 1 Timer 3 – Mode 2: Timer/Counter, External Trigger Restart and External Capture (with T3I Input) The counter is driven by an internal clock source. After starting with T3R, the first edge from the external input T3I starts the counter. The following edges at T3I load the cur- rent counter value into the capture register, reset the counter and restart it. The edge can be selected by the programmable edge decoder of the timer input stage. If single- action mode is activated for one or both compare registers the trigger signal restarts the single action. 0 00012 3 5 12 34 0 01 23 1 2 T3R Counter 3 CM31 INT5 T3O 3 CM32 4 0 0 0 123 567 4 01 23 56 T3R Counter 3 CM31 INT5 T3O Toggle by start T3O 89 CL3 CM32 0 012 345 678 9 10 0 12 Counter 3 CM31 CM32 T3O 0 1 2 01201 2 012 0 120 12 0 1 2 01 2 0 1 Toggle by start T3R |