| データシートサーチシステム |
|
TSL2563CS データシート(PDF) 26 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
TSL2563CS データシート(HTML) 26 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
26 / 38 page ![]() TSL2562, TSL2563 LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER TAOS066J − MAY 2007 26 r r Copyright E 2007, TAOS Inc. The LUMENOLOGY r Company www.taosinc.com break; } // scale if gain is NOT 16X if (!iGain) chScale = chScale << 4; // scale 1X to 16X // scale the channel values channel0 = (ch0 * chScale) >> CH_SCALE; channel1 = (ch1 * chScale) >> CH_SCALE; //−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−− // find the ratio of the channel values (Channel1/Channel0) // protect against divide by zero unsigned long ratio1 = 0; if (channel0 != 0) ratio1 = (channel1 << (RATIO_SCALE+1)) / channel0; // round the ratio value unsigned long ratio = (ratio1 + 1) >> 1; // is ratio <= eachBreak ? unsigned int b, m; switch (iType) { case 0: // T package if ((ratio >= 0) && (ratio <= K1T)) {b=B1T; m=M1T;} else if (ratio <= K2T) {b=B2T; m=M2T;} else if (ratio <= K3T) {b=B3T; m=M3T;} else if (ratio <= K4T) {b=B4T; m=M4T;} else if (ratio <= K5T) {b=B5T; m=M5T;} else if (ratio <= K6T) {b=B6T; m=M6T;} else if (ratio <= K7T) {b=B7T; m=M7T;} else if (ratio > K8T) {b=B8T; m=M8T;} break; case 1:// CS package if ((ratio >= 0) && (ratio <= K1C)) {b=B1C; m=M1C;} else if (ratio <= K2C) {b=B2C; m=M2C;} else if (ratio <= K3C) {b=B3C; m=M3C;} else if (ratio <= K4C) {b=B4C; m=M4C;} else if (ratio <= K5C) {b=B5C; m=M5C;} else if (ratio <= K6C) {b=B6C; m=M6C;} else if (ratio <= K7C) {b=B7C; m=M7C;} |