データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PPC405EX-SPAFFFTX データシート(PDF) 29 Page - Applied Micro Circuits Corporation

部品番号 PPC405EX-SPAFFFTX
部品情報  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMCC [Applied Micro Circuits Corporation]
ホームページ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX データシート(HTML) 29 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 33Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
29
Preliminary Data Sheet
[UART0CTS]GPIO18
G02
UART Peripheral
43
[UART0DCD][UART1CTS]GPIO16
F04
[UART0DSR][UART1RTS]GPIO17
F02
[UART0DTR][UART1Tx]GPIO20
F03
[UART0RI][UART1Rx]GPIO21
F01
[UART0RTS]GPIO19
G01
UART0Rx
G03
UART0Tx
H02
[UART1CTS][UART0DCD]GPIO16
F04
UART Peripheral
43
[UART1RTS][UART0DSR]GPIO17
F02
[UART1Rx][UART0RI]GPIO21
F01
[UART1Tx][UART0DTR]GPIO20
F03
UARTSerClk
E02
UART Peripheral
43
USB2Clk
C07
USB 2.0
43
[USB2Data0][PerData16]GPIO12
C11
USB 2.0
43
[USB2Data1][PerData17]GPIO13
B08
[USB2Data2][PerData18]GPIO14
A10
[USB2Data3][PerData19]GPIO15
B10
[USB2Data4][PerData20]GPIO04
C13
[USB2Data5][PerData21]GPIO05
B09
[USB2Data6][PerData22]GPIO06
C12
[USB2Data7][PerData23]GPIO07
D11
[USB2Dir]PerData24
A07
USB 2.0
43
[USB2Next]PerData26
B06
[USB2Stop]PerData25
B07
VDD
D10
Power
44
VDD
D15
VDD
D17
VDD
H04
VDD
K23
VDD
L14
VDD
M23
VDD
N11
VDD
P16
VDD
R23
VDD
T13
VDD
U04
VDD
U23
VDD
AC10
VDD
AC12
VDD
AC15
VDD
AC17
WE
AE19
DDR1/2 SDRAM
42
Table 3. Signals Listed Alphabetically (Sheet 13 of 13)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67