データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PPC405EX-SPAFFFTX データシート(PDF) 55 Page - Applied Micro Circuits Corporation

部品番号 PPC405EX-SPAFFFTX
部品情報  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMCC [Applied Micro Circuits Corporation]
ホームページ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX データシート(HTML) 55 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 59Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
55
Preliminary Data Sheet
Table 17. I/O Specifications—All CPU Speeds (Sheet 1 of 2)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
IOH
(min)
IOL
(min)
PCI Express Interface
PCIEnATB
na
na
PCIEnRx
PCIEnRx
na
na
PCIEnTx
PCIEnTx
na
na
Ethernet GMII Interface
GMCCD
2.0
00
2.5
2.0
na
na
1
GMCCrS
2.0
00
2.5
2.0
5.51
7.23
1
GMCMDIO
2.0
00
2.5
2.0
5.51
7.23
1
GMCRxD0:7
2.0
00
2.5
2.0
na
na
1
GMCTxD0:7
2.0
00
2.5
2.0
5.51
7.23
1
GMCRxDV
2.0
00
2.5
2.0
na
na
1
GMCRxEr
2.0
00
2.5
2.0
na
na
1
GMCTxEr
2.0
00
2.5
2.0
5.51
7.23
1
GMCTxEn
2.0
00
2.5
2.0
5.51
7.23
1
Ethernet RGMII Interface (n = 0 or 1)
GMCMDIO
1
1
2.8
1.2
5.51
7.23
1
GMCnRxD0:3
1
1
2.8
1.2
na
na
1
GMCnRxCtl
1
1
2.8
1.2
na
na
1
GMCnTxD0:3
1
1
2.8
1.2
5.51
7.23
1
GMCnTxCtl
1
1
2.8
1.2
5.51
7.23
1
Internal Peripheral Interface
IICnSData
15.75
10.46
UARTnCTS
15.75
10.46
UARTnRTS
15.75
10.46
UARTnDSR
15.75
10.46
UARTnDCD
15.75
10.46
UARTnDTR
15.75
10.46
UARTnRI
15.75
10.46
UARTnRx
na
na
UARTnTx
15.75
10.46
SCPDI
na
na
SCPDO
15.75
10.46
USB2Data0:7
4
0
5
2
15.75
10.46
USB2Dir
4
0
5
2
15.75
10.46
USB2Next
4
0
5
2
15.75
10.46
USB2Stop
4
0
5
2
15.75
10.46
DMA Interface
DMAAck0:3
2.8
1
5.3
1.0
15.75
10.46
DMAReq0:3
2.8
1
5.3
1.0
15.75
10.46
DMAEOT0:3
2.8
1
5.3
1.0
15.75
10.46
Interrupts Interface
IRQ0:9
15.75
10.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67