データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PPC405GPR-3JB266Z データシート(PDF) 37 Page - Applied Micro Circuits Corporation

部品番号 PPC405GPR-3JB266Z
部品情報  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMCC [Applied Micro Circuits Corporation]
ホームページ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3JB266Z データシート(HTML) 37 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3JB266Z Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405GPR-3JB266Z Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405GPR-3JB266Z Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405GPR-3JB266Z Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405GPR-3JB266Z Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405GPR-3JB266Z Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405GPR-3JB266Z Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405GPR-3JB266Z Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405GPR-3JB266Z Datasheet HTML 41Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
37
Revision 2.04 – September 7, 2007
Data Sheet
[TrcClk]GPIO9
Trace interface clock. A toggling signal that is always half of the CPU
core frequency. To access this function, software must toggle a DCR
bit
or
General Purpose I/O.
Note: Initialization strapping must hold this pin low (0) during reset.
O[I/O]
5V tolerant
3.3V LVTTL
1, 6
Ground pins
GND
Ground
Note: L11-L16, M11-M16, N11-N16, P11-P16, R11-R16, and
T11-T16 are also thermal balls.
OVDD pins
OVDD
Output driver voltage—3.3V.
VDD pins
VDD
Logic voltage—1.8V.
Other pins
Reserved
Reserved—Except for AF4, do not connect signals, voltage, or
ground to these pins. AF4 must be tied to OVDD or GND.
Signal Functional Description (Sheet 8 of 8)
Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 29.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57