| データシートサーチシステム |
|
PPC405GPR-3JB266Z データシート(PDF) 42 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GPR-3JB266Z データシート(HTML) 42 Page - Applied Micro Circuits Corporation |
|
42 / 57 page ![]() 405GPr – Power PC 405GPr Embedded Processor 42 AMCC Revision 2.04 – September 7, 2007 Data Sheet Test Conditions Clock timing and switching characteristics are specified in accordance with operating conditions shown in the table “Recommended DC Operating Conditions.” For all signals other than PCI signals, AC specifications are characterized at OVDD = +3V and TC = +85°C with the 50pF test load shown in the figure at right. For PCI signals there are two different test load circuits, one for the rising edge and one the falling edge as shown in the figures at right. Output Pin 50pF All signals other than PCI Output Pin 10pF 25 Ω Output Pin 10pF 25 Ω OVDD PCI Rising edge PCI Falling edge |