| データシートサーチシステム |
|
PPC405GPR-3KB333Z データシート(PDF) 16 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GPR-3KB333Z データシート(HTML) 16 Page - Applied Micro Circuits Corporation |
|
16 / 57 page ![]() 405GPr – Power PC 405GPr Embedded Processor 16 AMCC Revision 2.04 – September 7, 2007 Data Sheet Pin Lists The PPC405GPr embedded controller is available as a 456-ball E-PBGA leaded or lead-free package. The 456- ball package is available in two sizes—35 millimeters and 27 millimeters. In this section there are two tables that correlate the external signals to the physical package pin (ball) on which they appear. The following table lists all the external signals in alphabetical order and shows the ball number on which the signal appears. Multiplexed signals are shown with the default signal (following reset) not in brackets and the alternate signal in brackets. Multiplexed signals appear alphabetically multiple times in the list—once for each signal name on the ball. The page number listed gives the page in “Signal Functional Description” on page 30 where the signals in the indicated interface group begin. Signals Listed Alphabetically (Sheet 1 of 9) Signal Name Ball Interface Group Page AGND E22 System 35 AVDD D25 System 35 BA0 BA1 AB24 AC24 SDRAM 32 BankSel0 BankSel1 BankSel2 BankSel3 AD17 AF17 AE15 AC14 SDRAM 32 BE0[PCIC0] BE1[PCIC1] BE2[PCIC2] BE3[PCIC3] D19 F24 K24 R26 PCI 30 BusReq R3 External Master Peripheral 34 CAS AB23 SDRAM 32 ClkEn0 ClkEn1 AB25 AC25 SDRAM 32 DMAAck0 DMAAck1 DMAAck2 DMAAck3 D16 B15 B14 C12 External Slave Peripheral 32 DMAReq0 DMAReq1 DMAReq2 DMAReq3 C16 D14 C11 A7 External Slave Peripheral 32 DQM0 DQM1 DQM2 DQM3 AC12 AC10 AC6 AA3 SDRAM 32 DQMCB AC15 SDRAM 32 ECC0 ECC1 ECC2 ECC3 ECC4 ECC5 ECC6 ECC7 AE14 AF15 AF14 AD13 AF13 AF12 AE13 AD12 SDRAM 32 EMCMDClk H24 Ethernet 31 EMCMDIO[PHYMDIO] AD26 Ethernet 31 EMCTxD0 EMCTxD1 EMCTxD2 EMCTxD3 J26 L25 L24 P25 Ethernet 31 EMCTxEn K23 Ethernet 31 |