| データシートサーチシステム |
|
PPC405GPR-3KB333Z データシート(PDF) 32 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GPR-3KB333Z データシート(HTML) 32 Page - Applied Micro Circuits Corporation |
|
32 / 57 page ![]() 405GPr – Power PC 405GPr Embedded Processor 32 AMCC Revision 2.04 – September 7, 2007 Data Sheet SDRAM Interface MemData0:31 Memory data bus. Notes: 1. MemData0 is the most significant bit (msb). 2. MemData31 is the least significant bit (lsb). I/O 3.3V LVTTL MemAddr12:0 Memory address bus. Notes: 1. MemAddr12 is the most significant bit (msb). 2. MemAddr0 is the least significant bit (lsb). O3.3V LVTTL BA1:0 Bank Address supporting up to 4 internal banks. O 3.3V LVTTL RAS Row Address Strobe. O 3.3V LVTTL CAS Column Address Strobe. O 3.3V LVTTL DQM0:3 DQM for byte lane: 0 (MemData0:7), 1 (MemData8:15), 2 (MemData16:23), and 3 (MemData24:31) O3.3V LVTTL DQMCB DQM for ECC check bits. O 3.3V LVTTL ECC0:7 ECC check bits 0:7. I/O 3.3V LVTTL BankSel0:3 Select up to four external SDRAM banks. O 3.3V LVTTL WE Write Enable. O 3.3V LVTTL ClkEn0:1 SDRAM Clock Enable. O 3.3V LVTTL MemClkOut0:1 Two copies of an SDRAM clock allows, in some cases, glueless SDRAM attach without requiring this signal to be repowered by a PLL or zero-delay buffer. O3.3V LVTTL External Slave Peripheral Interface PerData0:31 Peripheral data bus used by PPC405GPr when not in external master mode, otherwise used by external master. Note: PerData0 is the most significant bit (msb) on this bus. I/O 5V tolerant 3.3V LVTTL 1 PerAddr0:31 Peripheral address bus used by PPC405GPr when not in external master mode, otherwise used by external master. Note: PerAddr0 is the most significant bit (msb) on this bus. I/O 5V tolerant 3.3V LVTTL 1 PerPar0:3 Peripheral byte parity signals. I/O 5V tolerant 3.3V LVTTL 1 PerWBE0:3 As outputs, these pins can act as byte-enables which are valid for an entire cycle or as write-byte-enables which are valid for each byte on each data transfer, allowing partial word transactions. As outputs, pins are used by either the pripheral controller or the DMA controller depending upon the type of transfer involved. Used as inputs when an external bus master owns the external interface. I/O 5V tolerant 3.3V LVTTL 1, 7 [PerWE]PCIINT Peripheral write enable. Low when any of the four PerWBE0:3 write byte enables are low. or PCI interrupt. Open-drain output (two states; 0 or open circuit) O 5V tolerant 3.3V PCI Signal Functional Description (Sheet 3 of 8) Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball. Notes: 1. Receiver input has hysteresis. 2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values. 3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values. 4. If not used, must pull up. 5. If not used, must pull down. 6. Strapping input during reset; pull up or pull down as required. 7. Pull-up may be required. See “External Bus Control Signals” on page 29. Signal Name Description I/O Type Notes |