| データシートサーチシステム |
|
PPC440GP-3FC400C データシート(PDF) 37 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440GP-3FC400C データシート(HTML) 37 Page - Applied Micro Circuits Corporation |
|
37 / 83 page ![]() 440GP – Power PC 440GP Embedded Processor AMCC 37 Revision 1.07 – October 4, 2007 Data Sheet TMS AB22 JTAG 52 TrcBS0[GPIO18] N16 Trace 54 TrcBS1[GPIO19] P17 TrcBS2[GPIO20] T20 TrcClk R05 Trace 54 TrcES0[GPIO21] T21 Trace 54 TrcES1[GPIO22] P23 TrcES2[GPIO23] N09 TrcES3[GPIO24] P08 TrcES4[GPIO25] T05 TrcTS0[GPIO26] T04 Trace 54 TrcTS1[GPIO27] P03 Trace 54 TrcTS2[GPIO28] R07 Trace 54 TrcTS3[GPIO29] P09 Trace 54 TrcTS4[GPIO30] R09 Trace 54 TrcTS5[GPIO31] T06 Trace 54 TrcTS6 R01 Trace 54 TRST N24 JTAG 52 UART0_CTS C13 UART Peripheral 51 UART0_DCD V24 UART Peripheral Note: Used as initialization strapping input. 51 UART0_DSR V02 UART Peripheral Note: Used as initialization strapping input. 51 UART0_DTR B18 UART Peripheral 51 UART0_RI H16 UART Peripheral 51 UART0_RTS G16 UART Peripheral 51 UART0_Rx G17 UART Peripheral 51 UART0_Tx L11 UART Peripheral 51 UART1_DSR/CTS[GPIO14] G06 UART Peripheral 51 UART1_RTS/DTR[GPIO15] E05 UART Peripheral 51 UART1_Rx[GPIO12] C18 UART Peripheral 51 UART1_Tx[GPIO13] J16 UART Peripheral 51 Signals Listed Alphabetically (Sheet 20 of 22) Signal Name Ball Interface Group Page |