| データシートサーチシステム |
|
PPC440GP-3FC400C データシート(PDF) 40 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440GP-3FC400C データシート(HTML) 40 Page - Applied Micro Circuits Corporation |
|
40 / 83 page ![]() 440GP – Power PC 440GP Embedded Processor 40 AMCC Revision 1.07 – October 4, 2007 Data Sheet In the following table, only the primary (default) signal name is shown for each pin. Multiplexed or multifunction signals are marked with an asterisk (*). To determine what signals or functions are multiplexed on those pins, look up the primary signal name in “Signals Listed Alphabetically” on page 18. Signals Listed by Ball Assignment (Sheet 1 of 6) Ball Signal Name Ball Signal Name Ball Signal Name Ball Signal Name A01 No ball B01 No ball C01 No ball D01 PCIXAD36 A02 No ball B02 No ball C02 PCIXAD41 D02 OVDD A03 No ball B03 PCIXAD46 C03 PCIXC5 * D03 PCIXAD45 A04 PCIXAD51 B04 OVDD C04 PCIXAD50 D04 GND A05 DrvrInh2 B05 PCIXAD54 C05 EMCTxErr * D05 PCIXAD53 A06 PCIXAD58 B06 GND C06 PCIXAD57 D06 VDD A07 EMCRxD2 * B07 PCIXAD62 C07 PerBLast D07 PCIXAD61 A08 PCIXAD42 B08 VDD C08 PCIXC4 * D08 GND A09 UARTSerClk B09 PCIXAD01 C09 PCIXAD55 D09 PCIXAck64 A10 PCIXAD05 B10 GND C10 PCIXAD04 D10 OVDD A11 PCIXFrame B11 PerAddr02 C11 PerAddr01 D11 PerAddr00 A12 PerAddr03 B12 OVDD C12 PCIXTRDY D12 GND A13 PerAddr12 B13 GND C13 UART0_CTS D13 VDD A14 PCIXM66En B14 PerAddr13 C14 PerAddr14 D14 PerAddr15 A15 PCIXAD09 B15 VDD C15 PCIXAD10 D15 GND A16 PerAddr11 B16 PCIXAD13 C16 PCIXAD14 D16 PCIXAD15 A17 PCIXPErr B17 GND C17 PCIXAD00 D17 OVDD A18 PCIXSErr B18 UART0_DTR C18 UART1_Rx * D18 PerAddr05 A19 PerAddr04 B19 OVDD C19 PCIXC2 * D19 GND A20 PCIXAD21 B20 PerAddr16 C20 PerAddr10 D20 PCIXAD20 A21 PCIXAD22 B21 GND C21 PCIXAD23 D21 VDD A22 No ball B22 PCIXAD25 C22 PCIXGnt1 * D22 PCIXAD30 A23 No ball B23 No ball C23 PCIXAD28 D23 GND A24 No ball B24 No ball C24 No ball D24 PCIXAD31 |