| データシートサーチシステム |
|
PPC440GX-3RF800C データシート(PDF) 40 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440GX-3RF800C データシート(HTML) 40 Page - Applied Micro Circuits Corporation |
|
40 / 93 page ![]() 440GX – Power PC 440GX Embedded Processor 40 AMCC Revision 1.15 – August 30, 2007 Data Sheet UART0_Tx L11 UART Peripheral 54 UART1_DSR/CTS[GPIO14] G06 UART Peripheral 54 UART1_RTS/DTR[GPIO15] E05 UART Peripheral 54 UART1_Rx[GPIO12] C18 UART Peripheral 54 UART1_Tx[GPIO13] J16 UART Peripheral 54 UARTSerClk A09 UART Peripheral 54 VDD B08 Power 57 VDD B15 VDD D06 VDD D13 VDD D21 VDD F04 VDD F12 VDD F19 VDD H02 VDD H17 VDD K12 VDD K15 VDD K23 VDD M06 VDD M10 VDD M13 VDD M21 VDD N04 VDD N12 VDD N15 Signals Listed Alphabetically (Sheet 23 of 24) Signal Name Ball Interface Group Page |