| データシートサーチシステム |
|
PPC440GX-3RF800C データシート(PDF) 87 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440GX-3RF800C データシート(HTML) 87 Page - Applied Micro Circuits Corporation |
|
87 / 93 page ![]() 440GX – Power PC 440GX Embedded Processor AMCC 87 Revision 1.15 – August 30, 2007 Data Sheet Example 2: In this example Read Clock is delayed almost 1/2 cycle. Without ECC, Stage 2 data can be sampled at (2). If ECC is enabled, Stage 3 data must be sampled (see Example 3). In this example, TT = 1.27ns and TTE = 3.589ns at worst case conditions. DDR SDRAM Read Cycle Timing—Example 2 DQS at pin PLB Clock Read Clock Delayed TSIN Data at pin D0 D1 D2 D3 DQS Stage 1 C D0 D1 D2 D3 TDIN D0 D2 Data in Stage 1 D D1 D3 Data out Stage 1 High Low TP D0 D2 D1 D3 Data in at RDSP High Low without ECC TT = Propagation delay from Stage 2 input to RDSP input w/o ECC D0 D2 D1 D3 Data out Stage 2 High Low Data out at RDSP High Low (2) without ECC TP D0 D2 D1 D3 Data in at RDSP High Low with ECC D0 D2 D1 D3 TTE = Propagation delay from Stage 2 input to RDSP input with ECC TT TTE D0 D2 |