| データシートサーチシステム |
|
HT12D データシート(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT12D データシート(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 11 page ![]() Block Diagram Note: The address/data pins are available in various combinations (see the address/data table). Pin Assignment Pin Description Pin Name I/O Internal Connection Description A0~A11 (HT12F) I NMOS Transmission Gate Input pins for address A0~A11 setting These pins can be externally set to VSS or left open. A0~A7 (HT12D) Input pins for address A0~A7 setting These pins can be externally set to VSS or left open. D8~D11 (HT12D) O CMOS OUT Output data pins, power-on state is low. DIN I CMOS IN Serial data input pin VT O CMOS OUT Valid transmission, active high OSC1 I Oscillator Oscillator input pin OSC2 O Oscillator Oscillator output pin VSS ¾¾ Negative power supply, ground VDD ¾¾ Positive power supply HT12D/HT12F Rev. 1.10 2 November 18, 2002 D a t a S h i f t R e g i s t e r O s c i l l a t o r B u f f e r S y n c . D e t e c t o r D i v i d e r C o m p a r a t o r C o m p a r a t o r B u f f e r T r a n s m i s s i o n G a t e C i r c u i t D a t a D e t e c t o r C o n t r o l L o g i c O S C 1 O S C 2 D I N V D D V S S V T D a t a L a t c h C i r c u i t A d d r e s s 8 - A d d r e s s 4 - D a t a 1 2 - A d d r e s s 0 - D a t a A 0 A 1 A 2 A 3 A 4 A 5 A 6 A 7 V S S V D D V T O S C 1 O S C 2 D I N D 1 1 D 1 0 D 9 D 8 1 2 3 4 5 6 7 8 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 1 0 1 2 - A d d r e s s 0 - D a t a A 0 A 1 A 2 A 3 A 4 A 5 A 6 A 7 V S S V D D V T O S C 1 O S C 2 D I N A 1 1 A 1 0 A 9 A 8 1 2 3 4 5 6 7 8 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 1 0 1 2 3 4 5 6 7 8 9 1 0 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 N C V D D V T O S C 1 O S C 2 D I N A 1 1 A 1 0 A 9 A 8 N C A 0 A 1 A 2 A 3 A 4 A 5 A 6 A 7 V S S 8 - A d d r e s s 4 - D a t a 1 2 3 4 5 6 7 8 9 1 0 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 N C V D D V T O S C 1 O S C 2 D I N D 1 1 D 1 0 D 9 D 8 N C A 0 A 1 A 2 A 3 A 4 A 5 A 6 A 7 V S S H T 1 2 . 2 0 S O P - A H T 1 2 . 1 8 D I P - A H T 1 2 D 1 8 D I P - A H T 1 2 D 2 0 S O P - A |