データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7852CP1 データシート(PDF) 39 Page - STMicroelectronics

部品番号 L7852CP1
部品情報  Positive voltage regulators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7852CP1 データシート(HTML) 39 Page - STMicroelectronics

Back Button L7852CP1 Datasheet HTML 35Page - STMicroelectronics L7852CP1 Datasheet HTML 36Page - STMicroelectronics L7852CP1 Datasheet HTML 37Page - STMicroelectronics L7852CP1 Datasheet HTML 38Page - STMicroelectronics L7852CP1 Datasheet HTML 39Page - STMicroelectronics L7852CP1 Datasheet HTML 40Page - STMicroelectronics L7852CP1 Datasheet HTML 41Page - STMicroelectronics L7852CP1 Datasheet HTML 42Page - STMicroelectronics L7852CP1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
L78xx - L78xxC
Typical performance
39/52
Note:
Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the
temperature. C allows a slow rise time of the VO.
Figure 35.
Adjustable output voltage with temperature compensation
VO = VXX (1+R2/R1) + VBE
Figure 36.
Light controllers (VOmin = VXX + VBE)
VO rises when the light goes up
VO falls when the light goes up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52