データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7852CP1 データシート(PDF) 41 Page - STMicroelectronics

部品番号 L7852CP1
部品情報  Positive voltage regulators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7852CP1 データシート(HTML) 41 Page - STMicroelectronics

Back Button L7852CP1 Datasheet HTML 37Page - STMicroelectronics L7852CP1 Datasheet HTML 38Page - STMicroelectronics L7852CP1 Datasheet HTML 39Page - STMicroelectronics L7852CP1 Datasheet HTML 40Page - STMicroelectronics L7852CP1 Datasheet HTML 41Page - STMicroelectronics L7852CP1 Datasheet HTML 42Page - STMicroelectronics L7852CP1 Datasheet HTML 43Page - STMicroelectronics L7852CP1 Datasheet HTML 44Page - STMicroelectronics L7852CP1 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
L78xx - L78xxC
Package mechanical data
41/52
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52