| データシートサーチシステム |
|
M93C76-RBN3G/W データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C76-RBN3G/W データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 38 page ![]() DC and AC parameters M93C86, M93C76, M93C66, M93C56, M93C46 26/38 tSLQZ tDF Chip Select low to output Hi-Z 100 ns tCHQL tPD0 Delay to output low 200 ns tCHQV tPD1 Delay to output valid 200 ns tW tWP Erase or Write cycle time 5 ms 1. Chip Select Input (S) must be brought low for a minimum of tSLSH between consecutive instruction cycles. 2. tCHCL + tCLCH ≥ 1 / fC. Table 22. AC characteristics (M93Cx6-W, device grade 3) Test conditions specified in Table 13. and Table 10. Symbol Alt. Parameter Min. Max. Unit fC fSK Clock frequency D.C. 2 MHz tSLCH Chip Select low to Clock high 50 ns tSHCH tCSS Chip Select set-up time 50 ns tSLSH (1) 1. Chip Select Input (S) must be brought low for a minimum of tSLSH between consecutive instruction cycles. tCS Chip Select low to Chip Select high 200 ns tCHCL (2) 2. tCHCL + tCLCH ≥ 1 / fC. tSKH Clock high time 200 ns tCLCH (2) tSKL Clock low time 200 ns tDVCH tDIS Data in set-up time 50 ns tCHDX tDIH Data in hold time 50 ns tCLSH tSKS Clock set-up time (relative to S) 50 ns tCLSL tCSH Chip Select hold time 0 ns tSHQV tSV Chip Select to READY/BUSY status 200 ns tSLQZ tDF Chip Select low to output Hi-Z 100 ns tCHQL tPD0 Delay to output low 200 ns tCHQV tPD1 Delay to output valid 200 ns tW tWP Erase or Write cycle time 5 ms Table 21. AC characteristics (M93Cx6-W, device grade 6) Test conditions specified in Table 13. and Table 10. Symbol Alt. Parameter Min. Max. Unit |